PART |
Description |
Maker |
CS51220-D |
Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
|
ON Semiconductor
|
ST16600 5806 |
Pulse Width Modulation (PWM) Controller IC; Topology:Boost, Flyback, Forward; Control Mode:Voltage; Number of PWM Outputs:1; Input Voltage Primary Smartcard MCU With 512 Bytes EEPROM From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
ISL6740AIVZA-T ISL6740A ISL6740AIVZA |
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward 1 A SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PDSO16 JT 5C 5#20 PIN PLUG 1 A SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PDSO16
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
BZW04-9V4B11V BZW04-9V411V BZW04-7891V BZW04-78B91 |
High current MOSFET driver Power factor corrector Transition-mode PFC controller Constant voltage and constant current controller for battery chargers and adaptors Voltage mode PWM controller with bootstrap anti-discharging system OFF-line primary switch High-voltage resonant controller Low power voltage detector Low consumption voltage and current controller for battery chargers and adaptors Microprocessor voltage supervisor reset active low SMPS PRIMARY I.C. PRIMARY CONTROLLER WITH STANDBY DUAL OP-AMP AND VOLTAGE REFERENCE Triple operational amplifier and voltage reference QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE 瞬态电压抑制器(TVS Quasi-resonant SMPS controller 瞬态电压抑制器(TVS Adjustable step-down controller with synchronous rectification 瞬态电压抑制器(TVS Off-line high voltage converters 瞬态电压抑制器(TVS Forward synchronous rectifiers smart driver 瞬态电压抑制器(TVS RESET CIRCUIT 瞬态电压抑制器(TVS Adjustable step-down controller with synchronous rectification dedicated to DDR memory 瞬态电压抑制器(TVS High performance current mode PWM controller 瞬态电压抑制器(TVS Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS REGULATING PULSE WIDTH MODULATORS 瞬态电压抑制器(TVS
|
Raltron Electronics, Corp. MtronPTI Abracon, Corp. Yellow Stone, Corp. EAO International Carlo Gavazzi ON Semiconductor TUSONIX, Inc.
|
FAN7585 FAN7585SN |
PWM AND SECONDARY COMBO IC Intelligent Voltage Mode PWM IC
|
FAIRCHILD[Fairchild Semiconductor]
|
NCP1249C |
High-Voltage Current-Mode PWM Controller Featuring Peak Power Excursion and Self-Relaxing Off Mode
|
ON Semiconductor
|
CA82C59A-10CJ CA82C59A-10CN CA82C59A-8IP CA82C59A- |
300KHZ -5V/ADJ INVERTING, NEGATIVE OUTPUT CURRENT MODE PWM REGULATOR 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors ST92F124/ST92F150/ST92F250 - 8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD 3.3V Step down current mode PWM DC-DC converters 中断控制 Interrupt Controller 中断控制
|
Microchip Technology, Inc. Atmel, Corp.
|
SL74HC123N SL74HC123D SL74HC123 HC123 |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Forward Current Avg Rectified, IF(AV):2A; Non Repetitive Forward Surge Current Max, Ifsm:70A; Forward Voltage Max, VF:1.1V; Package/Case:DO-15 双Retriggerable单稳态触发器 Dual Retriggerable Monostable Multivibrator
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
EN5336QI |
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
|
Enpirion, Inc.
|
AP494 |
Voltage Mode PWM Controller
|
Anachip
|